PART |
Description |
Maker |
WPRECESSWH WPBRKTSSADJ WPSTMBLG0022 WPSTMBLG0024 W |
DuroSite? LED Emergency Shower Safe Luminaire
|
Dialight Corporation
|
MC145416 MC145416P |
Tone/Pulse dialler with 10-number memory plus 3 emergency numbers
|
Motorola, Inc
|
2SC4024 |
Silicon NPN Epitaxial Planar Transistor(DC-DC Converter/ Emergency Lighting Inverter and General Purpose) Silicon NPN Epitaxial Planar Transistor(DC-DC Converter, Emergency Lighting Inverter and General Purpose) Silicon NPN Epitaxial Planar Transistor(DC-DC Converter Emergency Lighting Inverter and General Purpose)
|
SANKEN[Sanken electric]
|
TCL200 TCL200DA1-A TCL200DA1-ACF1 TCL200DA1-ACF2 T |
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery TCL Series / High Capacity Steel Emergency Lighting Units
|
Chloride ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufac... List of Unclassifed Man...
|
HZK2C HZK30 HZK33 HZK36 HZK3A HZK3B HZK3C HZK6B HZ |
Diodes>Zener Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A SWITCH BLOCK FOR EMERGENCY STOP SWITCH, DPDT, 12V, GREEN; Switch function type:DPDT; Voltage, contact AC max:250V; Voltage, contact DC max:12V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:30mm; Length / Height, external:59mm; RoHS Compliant: Yes Anti-Rotate Ring; Leaded Process Compatible:Yes RoHS Compliant: Yes 硅外延平面稳压二极管的稳压电 Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode INDICATOR BODY, ROUND, METAL; Lamp fitting type:T 13/4; Current rating:16A; Approval Bodies:UL, VDE, CSA, BEAB; Depth, behind panel:38mm; Diameter, External:29mm; IP rating:IP65; Length / Height, external:60mm; Temp, op. RoHS Compliant: Yes INDICATOR BODY, SQUARE; Lamp fitting type:Midget Groove, T1 3/4; Current rating:16A; Approval Bodies:UL, VDE, CSA, BEAB; Depth, behind panel:38mm; Diameter, External:29mm; IP rating:IP65; Length / Height, external:60mm; Temp, op. RoHS Compliant: Yes
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation. Renesas Electronics, Corp.
|
FC0.7-18-05LT FC0.7-18-05L2 FC0.7-18-05LT2 FC0.7-1 |
SWITCH TOGGLE SPDT ON-ON SWITCH TOGGLE SPDT PC MNT 5PCS SWITCH TOGGLE SPDT R/A PCB .4VA SWITCH ROCKER W/BRKT SPDT .460H SWITCH SLIDE MINI DPDT VBRKT GLD SWITCH PUSHWHEEL BCD DEC #0-9 BK SWITCH THUMBWHEEL BCD FRNT MT BK SWITCH SLIDE MINI SPDT PNLMT G/S SWITCH SLIDE MINI SPDT VBRKT GLD SWITCH PUSHWHL BCD DEC 0-9 BLACK SWITCH PUSHWHEEL BCD DEC 0-9 BLK SWITCH DOOR INTERLOCK SPDT 15A SWITCH THUMBWHEEL BCD REAR MT BK SWITCH ROCKER SPDT 5A SOLDER BK SWITCH TOGGLE SPDT VERT R/A PCB 模拟IC Analog IC 模拟IC DPDT 240V, 2 A SLIDE SWITCH 模拟IC
|
TE Connectivity, Ltd. ITT, Corp. NTE Electronics, Inc. ON Semiconductor Panasonic, Corp.
|
KA5H0380 KA5X03XX03 KA5X03XX KA5H0365R KA5H0365RTU |
Fairchild Power Switch(FPS) 3A/650V 100KHz Power Switch 3A/800V 100KHz Power Switch 3A/800V 50KHz Power Switch 3A/800V 70KHz Power Switch 3A/650V 70KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BCDMOS,SIP,4PIN,PLASTIC
|
FAIRCHILD[Fairchild Semiconductor] http://
|
KA5M0165 KA5L0165R KA5L0165RN KA5L0165RTU KA5L0165 |
Fairchild Power Switch(FPS) 1A/650V 50KHz Power Switch 1A/650V 70KHz Power Switch 1A/650V 100KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BIPOLAR/MOS,DIP,8PIN,PLASTIC Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, PSFM4
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
513-0311-001 |
Pushbutton Switch; Illumination:Illuminated; Actuator Style:Square; Actuator Diameter:0.938"; Circuitry:SPDT; Switch Operation:(On); Switch Terminals:Through Hole; Contact Current Max:3A; Leaded Process Compatible:No RoHS Compliant: Yes
|
DIALIGHT CORP
|
FSA3157P6X-NL NC7SB3157P6X-NL FSA3157 FSA3157L6X F |
Low Voltage SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|